spec no: dsac0652 rev no: v.8 date: nov/02/2006 page: 1 of 4 approved: j. lu checked: joe lee drawn: h.q.yuan erp: 130100102 8 package dimensions & internal circuit diagram notes: 1. all dimensions are in millimeters (inches), tolerance is 0 .25(0.01")unless otherwise noted. 2. specifications are subject to change without notice. 13.2mm(0.52inch) single digit numeric display features 0.52 inch digit height. excellent character appearance. easy mounting on p.c. boards or sockets. i.c. compatible. mechanically rugged. standard : gray face, white segment. rohs compliant. description the green source color devices are made with gallium phosphide green light emitting diode. part number: SC52-11GWA green
spec no: dsac0652 rev no: v.8 date: nov/02/2006 page: 2 of 4 approved: j. lu checked: joe lee drawn: h.q.yuan erp: 130100102 8 selection guide part no. dice lens type iv (ucd) [1] @ 10ma min. typ. SC52-11GWA green(gap) white diffused 1900 10500 common cathode, rt. hand decimal. description note: 1.luminous intensity / luminous flux: +/-15%. electrical / optical characteristics at t a =25c absolute maximum ratings at t a =25c notes: 1. 1/10 duty cycle, 0.1ms pulse width. 2. 2mm below package base. symbol parameter device typ. max. test conditions units peak peak wavelength green 565 nm i f =20ma d [1] dominant wavelength green 568 nm i f =20ma ? 1/2 spectral line half-width green 30 nm i f =20ma c capacitance green 15 pf v f =0v;f=1mhz v f [2] forward voltage green 2.2 2.5 v i f =20ma i r reverse current green 10 ua v r = 5v parameter green units power dissipation 105 mw dc forward current 25 ma peak forward current [1] 140 ma reverse voltage 5 v operating/storage temperature -40c to +85c lead solder temperature [2] 260c for 3 seconds notes: 1. wavelength: +/-1nm. 2. forward voltage: +/-0.1v.
spec no: dsac0652 rev no: v.8 date: nov/02/2006 page: 3 of 4 approved: j. lu checked: joe lee drawn: h.q.yuan erp: 130100102 8 green SC52-11GWA
spec no: dsac0652 rev no: v.8 date: nov/02/2006 page: 4 of 4 approved: j. lu checked: joe lee drawn: h.q.yuan erp: 130100102 8 packing & label specifications SC52-11GWA
|